Part Number Hot Search : 
TOM9114 MLX90242 X105SE0 LX2172 HSMA4004 SBR02 1040CT IRFF9111
Product Description
Full Text Search
 

To Download AO4405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4405, AO4405l symbol v ds v gs i dm t j , t stg symbol typ max 31 40 59 75 r jl 16 24 w maximum junction-to-lead c steady-state c/w thermal characteristics parameter units maximum junction-to-ambient a t 10s r ja c/w maximum junction-to-ambient a steady-state c/w 20 gate-source voltage drain-source voltage -30 continuous drain current a maximum units parameter t a =25c t a =70c absolute maximum ratings t a =25c unless otherwise noted v v -5.1 -30 pulsed drain current b power dissipation a t a =25c junction and storage temperature range a p d c 3 2.1 -55 to 150 t a =70c i d -6.0 features v ds (v) = -30v i d = -6.0a r ds(on) < 50m ? (v gs = -10v) r ds(on) < 85m ? (v gs = -4.5v) the AO4405 uses advanced trench technology to provide excellent r ds(on) with low gate charge. this device is suitable for use as a load switch or in pwm applications. AO4405l( green product ) is offered in a lead-free package. g d s soic-8 top view g s s s d d d d p-channel enhancement mode field general description effect transistor www.freescale.net.cn 1 / 4
AO4405, AO4405l symbol min typ max units bv dss -30 v -1 t j =55c -5 i gss 100 na v gs(th) -1 -1.8 -3 v i d(on) -30 a 40 50 t j =125c 55 70 65 85 m ? g fs 6 9.5 s v sd -0.78 -1 v i s -4.2 a c iss 700 840 pf c oss 112 pf c rss 78 pf r g 10 15 ? q g (10v) 14.7 18 nc q g (4.5v) 7.6 nc q gs 2nc q gd 3.8 nc t d(on) 8.6 ns t r 5ns t d(off) 28.2 ns t f 13.5 ns t rr 24 30 ns q rr 14.7 nc this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. dynamic parameters maximum body-diode continuous current gate resistance v gs =0v, v ds =0v, f=1mhz v gs =0v, v ds =-15v, f=1mhz input capacitance output capacitance turn-on rise time turn-off delaytime v gs =-10v, v ds =-15v, r l =2.5 ? , r gen =3 ? turn-off fall time turn-on delaytime switching parameters total gate charge (4.5v) gate source charge gate drain charge total gate charge (10v) v gs =-10v, v ds =-15v, i d =-6a m ? v gs =-4.5v, i d =-4a i s =-1a,v gs =0v v ds =-5v, i d =-6a r ds(on) static drain-source on-resistance forward transconductance diode forward voltage i dss a gate threshold voltage v ds =v gs i d =-250 a v ds =-24v, v gs =0v v ds =0v, v gs =20v zero gate voltage drain current gate-body leakage current electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions body diode reverse recovery time body diode reverse recovery charge i f =-6a, di/dt=100a/ s drain-source breakdown voltage on state drain current i d =-250 a, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =6a reverse transfer capacitance i f =-6a, di/dt=100a/ s a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any a given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. www.freescale.net.cn 2 / 4
AO4405, AO4405l typical electrical and thermal characteristics this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arisin g out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. 0 5 10 15 20 0.00 1.00 2.00 3.00 4.00 5.00 -v ds (volts) figure 1: on-region characteristics -i d (a) v gs =-3v -3.5v -4v -10v -4.5v -5v 0 2 4 6 8 10 01234 -v gs (volts) figure 2: transfer characteristics -i d (a) 25c 125c v ds =-5v 20 40 60 80 100 0246810 -i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) v gs =-4.5v v gs =-10v 1e-06 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -v sd (volts) figure 6: body-diode characteristics -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =-10v v gs =-4.5v 20 40 60 80 100 120 140 160 246810 -v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) i d =-5a 25c 125c i d =-5a -2.5v -6v www.freescale.net.cn 3 / 4
AO4405, AO4405l typical electrical and thermal characteristics this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arisin g out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. 0 1 2 3 4 5 6 7 8 9 10 0246810121416 -q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss 0 10 20 30 40 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance 0.1 1 10 100 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 10ms 1ms 0.1s 1s 10s dc r ds(on) limited t j(max) =150c t a =25c v ds =-15v i d =-6a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =40c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c 10 s www.freescale.net.cn 4 / 4


▲Up To Search▲   

 
Price & Availability of AO4405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X